PART |
Description |
Maker |
MAX3483E MAX3483ECPA MAX3483ECSA MAX3483EEPA MAX34 |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 3.3V-Powered, ??5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 LINE TRANSCEIVER, PDSO8 3.3V-Powered, 5kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-VGA 27-Bit Display Serial Interface Transmitter 48-BGA MICROSTAR JUNIOR -40 to 85 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, ±15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS- 485/RS-422 Transceivers 3.3V-Powered 15kV ESD-Protected 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 【15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 15kV ESD-Protected / 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered, 15,15kV ESD-Protected, 12Mbps
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADM483 ADM483AR ADM483AR-REEL7 ADM483JR ADM483JR-R |
5V Low Power, Slew-Rate Limited 5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver; Package: SOIC; No of Pins: 8; Temperature Range: Industrial
|
AD[Analog Devices] ANALOG DEVICES INC
|
SP3483CN_TR SP3483EN_TR SP348304 SP3483EP SP3483 S |
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
MAX3088E MAX3082E MAX3087E MAX3083E MAX3086E MAX30 |
5kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers ±15kV ESD保护、失效保护、高10Mbps)、限摆率RS-485/RS-422收发 " ?à15kV ESD-Protected, Fail- Safe, High-Speed (10Mbps), Slew-Rate-Limited RS- 485/RS-422 Transceivers" ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers ??5kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX1482 MAX1482CPD MAX1482CSD MAX1482EPD MAX1482ES |
20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers 20A / 1.8-Unit-Load / Slew-Rate-Limited RS-485 Transceivers Low Power, Slew-Rate-Limited RS-485 Transceivers(250kbps锛????伐锛?S-485?跺??? Low Power, Slew-Rate-Limited RS-486 Transceivers(250kbps锛????伐锛?S-485?跺???
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
EMIF02-MIC02 |
5V, Half Duplex, 250kbps Slew Rate Limited, ±15kV ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-PDIP 2线EMI滤波器和ESD保护 5V, Half Duplex, 250kbps Slew Rate Limited, ±15kV ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-PDIP 2 LINES EMI FILTER AND ESD PROTECTION
|
Bourns, Inc. ST Microelectronics
|
MAX1486CUB-T MAX1481EUB |
Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in µMAX Package LINE TRANSCEIVER, PDSO10
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
SP3081E SP3082E SP3080E-3088E SP3085E SP3085EEN SP |
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 5kV ESD-Protected Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, ±15kV ESD-Protected LINE TRANSCEIVER, PDSO14
|
Sipex Corporation http://
|
ADM2483BRWZ ADM2483BRWZ-REEL |
Slew-Rate Limited Isolated RS-485 Transceiver; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial LINE TRANSCEIVER, PDSO16 Half-Duplex, iCoupler? Isolated RS-485 Transceiver
|
Analog Devices, Inc.
|
MAX3491 MAX3488 |
3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers(10Mbps,具关闭方全双工,RS-485/RS-422收发 3.3V供电0Mbps、限摆率、真RS-485/RS-422收发 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers(0.25Mbps,?ㄥ?宸ワ?RS-485/RS-422?跺???
|
Maxim Integrated Products, Inc.
|
HWD1487 HWD1487C_D HWD1487CPA HWD1487CSA HWD1487CU |
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers 低功耗,限摆率限RS-485/RS-422收发 Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers 低功耗,限摆率限制RS-485/RS-422收发
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
|